Part Number Hot Search : 
BTA1664 LUY12W S8004 CAT93C46 2SB1197 1N5416 ON1064 93022A
Product Description
Full Text Search
 

To Download LUR2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * high temperature metallurgically bonded construction * glass passivated junction * capable of meeting environmental standards of mil-s-19500 * for use in high frequency rectifier circuits * fast switching for high efficiency * high temperature soldering guaranteed: 260c/10 seconds * 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: jedec do-15, molded plastic we declare that the material of product compliance over glass passivated die with rohs requirements terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position: any weight : 0.038 oz., 1.03 g handling precautin :none 1.maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolunit maximum repetitive peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward rectified current 0.375" (9.5mm) lead length if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths at t a = 75c ir(av) a typical thermal resistance (note 2) r ja c/w operating junction and storage temperature range tj, tstg c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbolunit maximum instantaneous forward voltage (if = 2.0 amps, tj = 25c) v f v maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths (rated dc voltage, tj = 150c) (rated dc voltage, tj = 25c) ir a typical reverse recovery time (note 1) trrns typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. if = 0.5a, ir = 1.0a, irr = 0.25a 2. thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, p.c.b. mounted 75 lur280LUR2100 1.85 800 1000 700 1000 lur280LUR2100 800 560 glass passivated junction ultra fast rectifiers reverse voltage 800 to 1000v forward current 2.0a 72 2.0 45 lur280 thru LUR2100 45 200 5.0 100 C65 to +150
2.ratings and characteristic curves ( ta = 25c unless otherwise noted ) lur280 thru LUR2100 fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 5. C typical transient thermal impedance fig 6. C typical junction capacitance average forward rectified current (a) average forward rectified current (a) instantaneous forward current (a) instantaneous reverse current ( a) junction capacitance (pf) 0 25 50 75 100 125 150 175 1 10 100 1000 0 20 40 60 80 100 0 10 20 30 40 50 200 100 10 1000 100 10 1.0 0.1 10 1.0 0.1 0.01 100 2.0 1.0 0 200 100 10 60 hz resistive or inductive load 0.375" (9.5mm) lead length tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, c number of cycles at 60hz percent of rated peak reverse voltage (%) reverse voltage (v) tj=150 tj=25 transient thermal impedance( c/w) 10 1.0 0.1 100 0.01 0.1 1.0 10 t,pulse duration,sec tj=75 0.8 1.0 1.2 1.4 1.6 tj = 25 c pulse width = 300 s 1% duty cycle instantaneous forward voltage (v)
3. dimension: lur280 thru LUR2100
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension 3 ? ?? wi-250 ???Z 4 0 ? green
4 ??? 1 lur280 thru LUR2100 2011-10-10 ?? ? ? ?


▲Up To Search▲   

 
Price & Availability of LUR2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X